Part Number Hot Search : 
TA79L15F 39V040B SDN139 SB1260 471M5 N74HC2 BCD07 BFP721
Product Description
Full Text Search
 

To Download 100C0485 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 F E AT U R E S D C - 5 00 MHz 70 dB Isolation Non-Reflective 50 Watt CW SMA Connectors
MODEL NO. 100C0485
SP 4 T RE L AY
SP4T
SMA FEMALE (5 PLACES) 2.250 1 PART IDENTIFICATION 1.250 1.50 .03 50 .144 DIA Thru 4 Holes .280 MAX .50 (TYP) 2.50 .03 .27 .52 J1 1 J2 2 J3 3 J4 4 26 V .75 5 SOLDER TERM (5 PLACES) REF ONLY RUBBER STAMP VOLTAGE 5 +V COM 50 50 50 J1 2 J2 3 J3 4 J4
J5
*
*
*
*
*
J5
.xx = .02 .xxx = .010
GUARANTEED PERFORM A NCE
Parameter
ISO (dB) I.L. (dB) VSWR
Min Typ Max Units
500 0.7 74 1.35/1 50 1.0 1.6/1 3 50 +55 OHMS mSEC W CW C TA MHz dB dB
Conditions
See Table
T YP I CA L P E R F OR MA NC E
at 25 C
ISO
2.0
2.5
100
1.8
2.0
80
1.6
1.5
60
Operating Frequency DC DC Voltage Insertion Loss Isolation 70 VSWR Thru Impedance Switching Speed RF Power Operate Operating Temperature -20
+25
1.4
1.0
40 I. LOSS
1.2
0.5
20 VSWR
1.0
0
0 1 4 10 40 100 400 1000
CONTROL VOLTAGE TABLE Voltage Current - Typical 6 130 mA per throw 12 64 mA per throw 18 42 mA per throw 26 34 mA per throw
FREQUENCY (MHz)
PART NO. EXAMPLE - SEE TABLE 100C0485 - 6 Basic Part Number Dash No. per Control Voltage Table
DA I C O In d u s t r i e s
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 100C0485

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X